Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download PCM-4896-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCM-4896
PCI slot
AMD GeodeTM GX1 Processor
Power input connector CRT pin header RJ-45 Ethernet connector
Features
Onboard AMD GeodeTM GX1 Processor 36-bit Dual Channel TTL TFT/DSTN/MONO LCD AC-97 High-quality Audio
COM port pin header Audio connector Printer port pin header Floppy Disk Drive connector Keyboard & Mouse pin header 44 pin IDE connector PC/104 socket USB pin header
Supports PCI and PC/104 Slots Supports DiskOnChip(R) Memory 4 COM / 2 USB / Digital I/O Ports
DiskOnChip(R) socket
Specifications
System CPU System Memory Chipset I/O Chipset Ethernet BIOS Watchdog Timer H/W Status Monitoring SSD Expansion Interface Battery Power Requirement Board Size Gross Weight Display Chip Memory Resolutions LCD Interface I/O MIO IrDA Audio USB EIDE x 1(UDMA33 x 1), Floppy Disk Drive x 1, Keyboard+Mouse x 1, RS-232 x 3, RS-232/422/485 x 1, Parallel x 1 One IrDA Tx/Rx header MIC-in, Line-in, Line-out One 4x2 pin header supports 2 USB1.1 ports AMD GeodeTM GX1 300MHz 168-pin SDRAM DIMM x 1, Max. 256MB (PC-66/100) AMD GeodeTM CS5530A NS NS97317/ITE IT8661F Realtek RTL8139C, 10/100Base-TX RJ-45 connector x 1 AWARD 256KB FLASH ROM Generate a time-out system reset Supports power supply voltages and temperature monitoring DiskOnChip(R) up to 1GB PCI slot x 1, PC/104 socket x 1 Lithium battery +3.3V, +5V, +5VSB, +12V. ATX 8"(L) x 5.75"(W) (203mm x 146mm) 1.2lb (0.5kg) Supports LCD / CRT simultaneous display C&T 69000 Built-in 2MB up to 1024x768@16bpp colors for CRT up to 1024x768@18bpp colors for LCD up to 36-bit dual channel TTL TFT/DSTN/MONO LCD
Packing List
* 9657666600 Jumper Cap * Quick Installation Guide * Utility CD * PCM-4896
Ordering Information
* PCM-4896-C10 Compact Board, GX1-300MHz, with LCD, LAN, Audio, 4 COM, Rev.C1.0 * PCM-4896-C10-01 Compact Board, GX1-233MHz, with LCD, LAN, Audio, 4 COM, Rev.C1.0 PCM-4896-C10-Q01 * Compact Board, XpressROM, GX1-300MHz, with LCD, LAN, Audio, 4
COM, Rev.C1.0
Operating Temperature 32F ~ 140F (0C ~ 60C)
Optional Accessories
* PCM-10489-5 Wiring Kit for PCM-4896/4896L/5896/6890B * PER-1110-A10 2-slot, PCM-4896/4896L/5896/6890B/6892/6893/ Riser Card for PCI,
6894/6896, Rev.A1.0
1-11 Note: All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PCM-4896-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X